PART |
Description |
Maker |
K9K2G16Q0M-Y K9K2G16Q0M-P K9K2G08U0M-F K9K2G08Q0M- |
SSR H/S IO 230V 20A 4-32VDC SSR H/S ZS 600V 70A 4-32VDC 256M x 8 Bit / 128M x 16 Bit NAND Flash Memory 256M × 8 128M的16位NAND闪存 ULTRA2 LVD SCSI INTERNAL CBL 3 256M × 8 128M的16位NAND闪存 DSUB 25 M PCR/A G
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
AD8582ARZ |
5 Volt, Parallel Input Complete Dual 12-Bit DAC DUAL, PARALLEL, WORD INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
W29GL064CB7S W29GL064CH7B W29GL064CL7B W29GL064CT7 |
64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
|
Winbond
|
HM5425161BTT-75A HM5425161BTT-75B HM5425401BTT-75A |
256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank/ 16-Mword 4-bit 4-bank 256M; 133MHz LVTTL interface SDRAM 256M; 100MHz LVTTL interface SDRAM
|
Elpida Memory
|
MAX1295 MAX1297 MAX1297BCEGT |
265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX1297BCEG-T MAX1297AEEG-T MAX1297ACEG-T |
265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Products, Inc.
|
W29GL064CL7S W29GL064CH7S |
64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
|
Winbond
|
K9K4G08U1M K9F2G16U0M K9F2G08U0M |
256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
IDT72401 IDT72401L10D IDT72401L10DB IDT72401L10P I |
Current-Mode PWM Controller 8-PDIP 0 to 70 High-Performance Current-Mode PWM Controller 8-SOIC 0 to 70 PT 39C 2#16 37#20 PIN RECP 64 X 5 OTHER FIFO, 55 ns, CDIP18 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT 64 X 5 OTHER FIFO, 55 ns, CDIP18 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT CMOS并行FIFO4 × 4位和64 × 5 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT 64 X 5 OTHER FIFO, 19 ns, PDIP18
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HM5425161BTT-10 HM5425401BTT-10 HM5425801BTT-10 HM |
256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank/ 16-Mword 4-bit 4-bank 16M X 16 DDR DRAM, 0.75 ns, PDSO66 256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank/ 16-Mword 4-bit 4-bank 64M X 4 DDR DRAM, 0.75 ns, PDSO66 256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 16-bit 4-bank/8-Mword 8-bit 4-bank/ 16-Mword 4-bit 4-bank 256M SSTL_2 DDR SDRAM的接43 MHz/133 MHz/125 MHz/100 MHz Mword6位-bank/8-Mword位银行/ 16 Mword位 -银行 256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword × 16-bit × 4-bank/8-Mword × 8-bit × 4-bank/ 16-Mword × 4-bit × 4-bank
|
Elpida Memory, Inc.
|